PART |
Description |
Maker |
SM2325-53LD2 |
2300-2500 MHz 200 Watt Peak Power Amplifier
|
Stealth Microwave, Inc.
|
CU42JB1P-1950-1T CU48RA5L-250-2T CU49PB3L-600-6C C |
1900 MHz - 2000 MHz RF/MICROWAVE ISOLATOR 100 MHz - 400 MHz RF/MICROWAVE ISOLATOR 400 MHz - 800 MHz RF/MICROWAVE 3 PORT CIRCULATOR 1930 MHz - 1990 MHz RF/MICROWAVE ISOLATOR
|
|
2223-1.7 2223-17 |
1.7 W, 24 V, 2200-2300 MHz common base transistor 1.7 Watts - 24 Volts, Class C Microwave 2200 - 2300 MHz BJT
|
GHZTECH[GHz Technology]
|
55305-5 60112-4 60114-2 60118-1 |
2100 MHz - 2300 MHz HELIX ANTENNA, 15 dBi GAIN 700 MHz - 850 MHz HELIX ANTENNA, 12 dBi GAIN 1060 MHz - 1440 MHz HELIX ANTENNA, 12 dBi GAIN 2500 MHz - 3000 MHz HELIX ANTENNA, 14 dBi GAIN
|
ANDREW CORP
|
ESMD-C3 ESMD-C3TR |
20 MHz - 2500 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 10.5 dB CONVERSION LOSS-MAX E-Series Surface Mount Mixer 20 - 2500 MHz
|
MACOM[Tyco Electronics]
|
FAR-F6CE-1G9600-L2XB FAR-F6CE-1G9600-L2XB-U FAR-F6 |
1 FUNCTIONS, 2441.8 MHz, SAW FILTER Piezoelectric SAW BPF (1000 to 2500 MHz) 1 FUNCTIONS, 2484 MHz, SAW FILTER Piezoelectric SAW BPF (1000 to 2500 MHz) 1 FUNCTIONS, 1960 MHz, SAW FILTER 1 FUNCTIONS, 2140 MHz, SAW FILTER SWITCH SW DIP 5 5POS Aluminum Snap-In Capacitor; Capacitance: 3300uF; Voltage: 50V; Case Size: 22x35 mm; Packaging: Bulk Octal D-Type Positive Edge Triggered Flip-Flops with 3-State Outputs 20-SOIC 0 to 70
|
FUJITSU LTD Fujitsu, Ltd. Mini-Circuits Fujitsu Limited http:// Fujitsu Component Limited.
|
PE4220 PE4220-EK 4220-52 4220 4220-00 4220-21 4220 |
SPDT UltraCMOS RF Switch DC - 2500 MHz SPDT UltraCMOSRF Switch DC - 2500 MHz SPDT UltraCMOS⑩ RF Switch DC - 2500 MHz
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
KP4-19A |
1900 MHz - 2300 MHz PARABOLIC ANTENNA, 25.6 dBi GAIN
|
ANDREW CORP
|
4J3305 |
2000 MHz - 2300 MHz RF/MICROWAVE SPLITTER, 0.3 dB INSERTION LOSS
|
ANAREN INC
|
BR9302 |
1700 MHz - 2300 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER
|
|
CSD-20Z-2.1G |
2000 MHz - 2300 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 0.2 dB INSERTION LOSS-MAX
|
Merrimac Industries, Inc.
|
ECP103G |
2300 MHz - 2700 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
TRIQUINT SEMICONDUCTOR INC
|